Part Number Hot Search : 
SSM3J130 BA6377K RS3BB SF1A600H HMBT4125 2102A D2007 164H10
Product Description
Full Text Search
 

To Download BAT43WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42WS BAT43WS
Surface Mount Schottky Barrier Diode
P b Lead(Pb)-Free
Features: * Low Forward Voltage Drop * Fast Switching * Ultra-Small Surface Mount Package
SCHOTTKY DIODE 200mAMPERS 30VOLTS
Mechanical Data: * Case: SOD-323, Plastic * Case Material-UL Flammability Rating Classification 94V-0 * Leads: Solderable per MIL-STD-202, Method 208 * Polarity: Cathode Band * Weight: 0.004 grams(approx.)
1 2
SOD-323
SOD-323 Outline Demensions
Unit:mm
MILLMETERS Min Max
1.60 1.80 1.15 1.35 0.80 1.00 0.25 0.40 0.15 REF 0.00 0.10 0.089 0.377 2.30 2.70
PIN 1.CATHODE 2.ANODE
Dim A B C D E H J K
http://www.weitron.com.tw
WEITRON
BAT42WS BAT43WS
Maximum Ratings
Characteristic
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (1) Non-Repetitive Peak Forward Surge Current @ t <1.0ms Power Dissipation Thermal Resistance junction to Ambient Air (1) Operating & Storage Temperature Range
(TA=25C Unless otherwise noted) Symbol
VRRM VRWM VR VR(RMS) IFAV IFSM Pd R JA TJ , TSTG
BAT42WS/BAT43WS
30 21 200 4.0 200 500 -55 to +125
Unit
V V
mA A mW
C/W C
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage IR=100uA Forward Voltage IF=200mA IF=10mA IF=50mA IF=2.0mA IF=15mA Reverse Current VR=25V VR=25V, Tj=100 C Total Capacitance V R =1.0V, f=1.0MHz Reverse Recovery Time IF=I R =10mA Irr=0.1 I I IR , RL =100 Note:
(TA=25C Unless otherwise noted) Symbol
V(BR)R
Min
30
Max 1.0 0.40 0.65 0.33 0.45 500 100 10
Unit
V
Both Types BAT42WS BAT42WS BAT43WS BAT43WS
VF
0.26 -
V
IR
nAdc uAdc
CT Trr
PF
ns
5.0
1. Parts Mounted on FR-4 PC Board with recommended pad layout.
Device Marking
Item BAT42WS BAT43WS Marking S7 S8 Eqivalent Circuit diagram
1 2
WEITRON
http://www.weitron.com.tw
BAT42WS BAT43WS
Electrical Characteristic curves(Ta=25 C)
200 I F , INSTANTANEOUS FORWARD CURRENT(mA) I O, AVERAGE RECTIFIED CURRENT(mA)
100
T A = 125C T A = 75C
160
120
10
T A = 25C
80
1.0
T A = -25C
40 T j = 125C 0 0 25 50 75 100 125 150
0.1 0 200 400 600 800
TA , AMBIENT TEMPERA TURE( C)
V F , INSTANTANEOUS FORWARD VOLTAGE(mV)
FIG. 1 Forward Current Derating Curve
FIG. 2 Typical Forward Characteristics
1000
I R , INSTANTANEOUS REVERSE CURRENT(uA)
100
T j = 25C f = 1MHz
100
T A = 125C
10
C T , TOTAL CAPACITANCE(PF)
20 30 40
10
1.0
T A = 75C
0.1
T A = 25C
0.01
0
10
1.0 0 5.0 10 15 20 25 30 35 40
V R , REVERSE VOLTAGE(V)
VR , INSTANTANEOUS REVERSE VOLTAGE(V)
FIG. 3 Typical Reverse Characteristics
FIG. 4 Total Capacitance vs. Reverse Voltage
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of BAT43WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X